| データシートサーチシステム |
|
AD9974BBCZ データシート(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9974BBCZ データシート(HTML) 49 Page - Analog Devices |
|
49 / 52 page ![]() AD9974 Rev. A | Page 49 of 52 Address Data Bit Content Default Value Update Name Description 0x02 [12:0] X VD SCP4 Sequence Change Position 4. [25:13] X SCP5 Sequence Change Position 5. [27:26] X Unused Set unused bits to 0. 0x03 [12:0] X VD SCP6 Sequence Change Position 6. [25:13] X SCP7 Sequence Change Position 7. [27:26] X Unused Set unused bits to 0. 0x04 [12:0] X VD SCP8 Sequence Change Position 8. [27:13] Unused Set unused bits to 0. 0x05 [4:0] X VD HPAT_SEL0 Selected H-Pattern for First Region in Field. [9:5] X HPAT_SEL1 Selected H-Pattern for Second Region in Field. [14:10] X HPAT_SEL2 Selected H-Pattern for Third Region in Field. [19:15] X HPAT_SEL3 Selected H-Pattern for Fourth Region in Field. [24:20] X HPAT_SEL4 Selected H-pattern for fifth region in field. [27:25] X Unused Set unused bits to 0. 0x06 [4:0] X VD HPAT_SEL5 Selected H-Pattern for Sixth Region in Field. [9:5] X HPAT_SEL6 Selected H-Pattern for Seventh Region in Field. [14:10] X HPAT_SEL7 Selected H-Pattern for Eighth Region in Field. [19:15] X HPAT_SEL8 Selected H-Pattern for Ninth Region in Field. [27:20] X Unused Set unused bits to 0. 0x07 [27:0] X VD Unused Set unused bits to 0. 0x08 [8:0] X VD CLPOB_POL CLPOB Start Polarity Settings. [17:9] X CLPOB_PAT CLPOB Pattern Selector. 0 = CLPOB0_TOG registers are used. 1 = CLPOB1_TOG registers are used. [27:18] X Unused Set unused bits to 0. 0x09 [12:0] X VD CLPOBMASKSTART1 CLPOB Mask 1 Start Position. [25:13] X CLOBMASKEND1 CLPOB Mask 1 End Position. [27:26] Unused Set unused bits to 0. 0xA [12:0] X VD CLPOBMASKSTART2 CLPOB Mask 2 Start Position. [25:13] X CLOBMASKEND2 CLPOB Mask 2 End Position. [27:26] X Unused Set unused bits to 0. 0xB [12:0] X VD CLPOBMASKSTART3 CLPOB Mask 3 Start Position. [25:13] X CLOBMASKEND3 CLPOB Mask 3 End Position. [27:26] X Unused Set unused bits to 0. 0xC [8:0] X VD PBLK_POL PBLK Start Polarity Settings for Sequence 0 to Sequence 8. [17:9] X PBLK_PAT PBLK Pattern Selector. 0 = PBLK0_TOG registers are used. 1 = PBLK1_TOG registers are used. [27:18] X Unused Set unused bits to 0 0xD [12:0] X VD PBLKMASKSTART1 PBLK Mask Region 1 Start Position. [25:13] X PBLKMASKEND1 PBLK Mask Region 1 End Position. [27:26] X Unused Set unused bits to 0. 0xE [12:0] X VD PBLKMASKSTART2 PBLK Mask Region 2 Start Position. [25:13] X PBLKMASKEND2 PBLK Mask Region 2 End Position. [27:26] X Unused Set unused bits to 0. 0xF [12:0] X VD PBLKMASKSTART3 PBLK Mask Region 3 Start Position. [25:13] X PBLKMASKEND3 PBLK Mask Region 3 End Position. [27:26] X Unused Set unused bits to 0. |