データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3661 データシート(PDF) 72 Page - ams AG

部品番号 AS3661
部品情報  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3661 データシート(HTML) 72 Page - ams AG

Back Button AS3661 Datasheet HTML 68Page - ams AG AS3661 Datasheet HTML 69Page - ams AG AS3661 Datasheet HTML 70Page - ams AG AS3661 Datasheet HTML 71Page - ams AG AS3661 Datasheet HTML 72Page - ams AG AS3661 Datasheet HTML 73Page - ams AG AS3661 Datasheet HTML 74Page - ams AG AS3661 Datasheet HTML 75Page - ams AG AS3661 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
71 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.13 LED Mapping Instructions
These instructions define the engine-to-LED mapping. The mapping information is stored in a table, which is stored in
the SRAM (program memory of the AS3661). AS3661 has three program execution engines which can be mapped to
9 LED drivers or to one GPO pin. One engine can control one or multiple LED drivers. The first part of the program
memory of AS3661is usually used for LED driver programs of each sequencer. The LED mapping is usually put at the
end of the program memory where the programmable multiplexer, shown in the block diagram below, gets the
information which LED must be connected to what sequencer output.
Figure 31. LED Mapping Memory allocation
In order to control and define the mapping of the LEDs there are totally eleven instructions for the engine-to-LED-driver
control: mux_ld_start, mux_map_start, mux_ld_end, mux_sel, mux_clr, mux_map_next, mux_map_prev, mux_ld_next,
mux_ld_prev, mux_ld_addr and mux_map_addr. With these instructions it is also possible to change the LED mapping
from one mapping to another mapping, which has been defined in the LED mapping table, forth and back to create
again more complex light patterns.
8.13.1 MUX_LD_START
Mux_ld_start defines the start of the mapping table location in the memory.
COMPILER COMMAND SYNTAX: MLS, SRAM address[7];
8.13.1.1 MLS Application Example
In this example we want to set the start address for the LED mapping table to 80d.
COMPILER COMMAND SYNTAX EXAMPLE: MLS, 80;
8.13.2 MUX_LD_END
Mux_ld_end defines the end of the mapping table location in the memory. It is very important to define the end address
of the mapping table, otherwise it could happen if you use relative mapping commands, that the address pointer points
to a position outside the mapping table due to the missing end address.
COMPILER COMMAND SYNTAX: MLE, SRAM address[7];
Table 80. MLS Parameter Description
Name
Value
Description
SRAM address
0-95
Mapping table start address
Table 81. MLE Parameter Description
Name
Value
Description
SRAM address
0-95
Mapping table end address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87