| データシートサーチシステム |
|
AS3661 データシート(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3661 データシート(HTML) 32 Page - ams AG |
|
32 / 87 page ![]() www.austriamicrosystems.com Revision 1.3 31 - 85 AS3661 Datasheet - D e t a i l e d D e s c r i p t i o n 50 PROGRAM MEMORY 00H/10H/20H/30H/ 40H/50H [15:8] R/W 00000000 CMD Every Instruction is 16–bit width. The AS3661 can store 96 instructions. Each instruction consists of 16 bits. Because one register has only 8 bits, one instruction requires two register addresses. In order to reduce program load time the AS3661 supports address auto-incrementation. Register address is incremented after each 8 data bits. Thus the whole program memory page can be written in one serial bus write sequence. 51 [7:0] 00000000 52 PROGRAM MEMORY 01H/11H/21H/31H/ 41H/51H [15:8] R/W 00000000 53 [7:0] 00000000 54 PROGRAM MEMORY 02H/12H/22H/32H/ 42H/52H [15:8] R/W 00000000 55 [7:0] 00000000 56 PROGRAM MEMORY 03H/13H/23H/33H/ 43H/53H [15:8] R/W 00000000 57 [7:0] 00000000 Table 7. Description of Registers Hex Address Register Name Bit(s) Type Default Value After Reset Description |