データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9912ABCPZ データシート(PDF) 33 Page - Analog Devices

部品番号 AD9912ABCPZ
部品情報  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ データシート(HTML) 33 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 29Page - Analog Devices AD9912ABCPZ Datasheet HTML 30Page - Analog Devices AD9912ABCPZ Datasheet HTML 31Page - Analog Devices AD9912ABCPZ Datasheet HTML 32Page - Analog Devices AD9912ABCPZ Datasheet HTML 33Page - Analog Devices AD9912ABCPZ Datasheet HTML 34Page - Analog Devices AD9912ABCPZ Datasheet HTML 35Page - Analog Devices AD9912ABCPZ Datasheet HTML 36Page - Analog Devices AD9912ABCPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AD9912
Rev. F | Page 33 of 40
I/O REGISTER DESCRIPTIONS
SERIAL PORT CONFIGURATION (REGISTER 0x0000 TO REGISTER 0x0005)
Register 0x0000—Serial Port Configuration
Table 13.
Bits
Bit Name
Description
[7:4]
These bits are the mirror image of Bits[3:0].
3
Long instruction
Read-only; the AD9912 supports only long instructions.
2
Soft reset
Resets register map, except for Register 0x0000. Setting this bit forces a soft reset, meaning that S1 to
S4 are not tristated, nor is their state read when this bit is cleared. The AD9912 assumes the values of
S1 to S4 that were present during the last hard reset. This bit is not self-clearing, and all other registers
are restored to their default values after a soft reset.
1
LSB first
Sets bit order for serial port.
1 = LSB first.
0 = MSB first. I/O update must occur for the MSB first to take effect.
0
SDO active
Enables SDO pin.
1 = SDO pin enabled (4-wire serial port mode).
0 = 3-wire mode.
Register 0x0001—Reserved
Register 0x0002 and Register 0x0003—Part ID (Read-Only)
Register 0x0004—Serial Options
Table 14.
Bits
Bit Name
Description
0
Read buffer register
For buffered registers, serial port readback reads from actual (active) registers instead of the buffer.
1 = reads the buffered values that take effect during the next I/O update.
0 = reads values that are currently in effect.
Register 0x0005—Serial Options (Self Clearing)
Table 15.
Bits
Bit Name
Description
0
Register update
Software access to the register update pin function. Writing a 1 to this bit is identical to performing
an I/O update.
POWER-DOWN AND RESET (REGISTER 0x0010 TO REGISTER 0x0013)
Register 0x0010—Power-Down and Enable
Power-up default is defined by the start-up pins.
Table 16.
Bits
Bit Name
Description
7
PD HSTL driver
Powers down HSTL output driver.
1 = HSTL driver powered down.
6
Enable CMOS driver
Powers up CMOS output driver.
1 = CMOS driver on.
5
Enable output doubler
Powers up output clock generator doubler. Output doubler must still be enabled in Register 0x0200.
4
PD SYSCLK PLL
System clock multiplier power-down.
1 = system clock multiplier powered down.
If the S4 pin is tied high at power-up or reset, this bit is set, and the default value for Register 0x0010
is D0, not C0.
1
Full PD
Setting this bit is identical to activating the PD pin and puts all blocks (except serial port) into power-
down mode. SYSCLK is turned off.
0
Digital PD
Removes clock from most of digital section; leave serial port usable. In contrast to full PD, setting this
bit does not debias inputs, allowing for quick wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com