データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9912ABCPZ データシート(PDF) 34 Page - Analog Devices

部品番号 AD9912ABCPZ
部品情報  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ データシート(HTML) 34 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 30Page - Analog Devices AD9912ABCPZ Datasheet HTML 31Page - Analog Devices AD9912ABCPZ Datasheet HTML 32Page - Analog Devices AD9912ABCPZ Datasheet HTML 33Page - Analog Devices AD9912ABCPZ Datasheet HTML 34Page - Analog Devices AD9912ABCPZ Datasheet HTML 35Page - Analog Devices AD9912ABCPZ Datasheet HTML 36Page - Analog Devices AD9912ABCPZ Datasheet HTML 37Page - Analog Devices AD9912ABCPZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD9912
Rev. F | Page 34 of 40
Register 0x0011—Reserved
Register 0x0012—Reset (Autoclearing)
To reset the entire chip, the user can use the (non-autoclearing) soft reset bit in Register 0x0000.
Table 17.
Bits
Bit Name
Description
0
DDS reset
Reset of the direct digital synthesis block. Reset of this block is very seldom needed.
Register 0x0013—Reset (Continued) (Not Autoclearing)
Table 18.
Bits
Bit Name
Description
7
PD fund DDS
Setting this bit powers down the DDS fundamental output but not the spurs. It is used during tuning
of the SpurKiller circuit.
3
S-div/2 reset
Asynchronous reset for S prescaler.
1
S-divider reset
Synchronous (to S-divider prescaler output) reset for integer divider.
SYSTEM CLOCK (REGISTER 0x0020 TO REGISTER 0x0022)
Register 0x0020—N-Divider
Table 19.
Bits
Bit Name
Description
[4:0]
N-divider
These bits set the feedback divider for system clock PLL. There is a fixed divide-by-2 preceding this
block, as well as an offset of 2 added to this value. Therefore, setting this register to 00000 translates to
an overall feedback divider ratio of 4. See Figure 45.
Register 0x0021—Reserved
Register 0x0022—PLL Parameters
Table 20.
Bits
Bit Name
Description
7
VCO auto range
Automatic VCO range selection. Enabling this bit allows Bit 2 of this register to be set automatically.
[6:4]
Reserved
Reserved.
3
2× reference
Enables a frequency doubler prior to the SYSCLK PLL and can be useful in reducing jitter induced by
the SYSCLK PLL. See Figure 44.
2
VCO range
Selects low range or high range VCO.
0 = low range (700 MHz to 810 MHz).
1 = high range (900 MHz to 1000 MHz). For system clock settings between 810 MHz and 900 MHz, use
the VCO auto range (Bit 7) to set the correct VCO range automatically.
[1:0]
Charge pump current
Charge pump current.
00 = 250 μA.
01 = 375 μA.
10 = off.
11= 125 μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com