| データシートサーチシステム |
|
TMS320VC33 データシート(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC33 データシート(HTML) 35 Page - Texas Instruments |
|
35 / 58 page ![]() TMS320VC33 DIGITAL SIGNAL PROCESSOR SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004 35 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251--1443 XF0 timing when executing STFI and STII† The following table defines the timing parameters for the XF0 pin during execution of STFI or STII. switching characteristics over recommended operating conditions for XF0 when executing STFI or STII (see Figure 23) PARAMETER VC33-120 VC33-150 UNIT PARAMETER MIN MAX MIN MAX UNIT td(H3H-XF0H) Delay time, H3 high to XF0 high† 4 3 ns † XF0 is always set high at the beginning of the execute phase of the interlock-store instruction. When no pipeline conflicts occur, the address of the store is also driven at the beginning of the execute phase of the interlock-store instruction. However, if a pipeline conflict prevents the store from executing, the address of the store will not be driven until the store can execute. H3 H1 PAGEx, STRB R/W A[23:0] D[31:0] RDY XF0 Fetch STFI or STII Read Execute Decode td(H3H-XF0H) Figure 23. Timing for XF0 When Executing an STFI or STII |