| データシートサーチシステム |
|
TMS320VC33 データシート(PDF) 51 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC33 データシート(HTML) 51 Page - Texas Instruments |
|
51 / 58 page ![]() TMS320VC33 DIGITAL SIGNAL PROCESSOR SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004 51 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251--1443 timer pin timing Valid logic-level periods and polarity are specified by the contents of the internal control registers. The following tables define the timing parameters for the timer pin. timing requirements for timer pin (see Figure 37 and Figure 38) VC33-120 VC33-150 UNIT MIN MAX MIN MAX UNIT tsu(TCLK-H1L)† Setup time, TCLK external before H1 low 4 3 ns th(H1L-TCLK)† Hold time, TCLK external after H1 low 0 0 ns † These requirements are applicable for a synchronous input clock. switching characteristics over recommended operating conditions for timer pin (see Figure 37 and Figure 38) PARAMETER VC33-120 VC33-150 UNIT PARAMETER MIN MAX MIN MAX UNIT td(H1H-TCLK) Delay time, H1 high to TCLK internal valid 4 3 ns t ‡ Cycle time TCLK TCLK ext tc(H) *2.6 tc(H) *2.6 ns tc(TCLK)‡ Cycle time, TCLK TCLK int tc(H) *2 tc(H) *232 tc(H) *2 tc(H) *232 ns t ‡ Pulse duration TCLK TCLK ext tc(H) +6 tc(H) +5 ns tw(TCLK)‡ Pulse duration, TCLK TCLK int [tc(TCLK)/2] -- 4 [tc(TCLK)/2] + 4 [tc(TCLK)/2] -- 4 [tc(TCLK)/2] + 4 ns ‡ These parameters are applicable for an asynchronous input clock. TCLK as input H1 H3 tsu(TCLK-H1L) th(H1L-TCLK) th(H1L-TCLK) tsu(TCLK-H1L) tw(TCLK) tc(TCLK) Figure 37. Timer Pin Timing, Input TCLK as output H1 H3 td(H1H-TCLK) td(H1H-TCLK) Figure 38. Timer Pin Timing, Output |