データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320VC33 データシート(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320VC33
部品情報  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 データシート(HTML) 35 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 31Page - Texas Instruments TMS320VC33 Datasheet HTML 32Page - Texas Instruments TMS320VC33 Datasheet HTML 33Page - Texas Instruments TMS320VC33 Datasheet HTML 34Page - Texas Instruments TMS320VC33 Datasheet HTML 35Page - Texas Instruments TMS320VC33 Datasheet HTML 36Page - Texas Instruments TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
XF0 timing when executing STFI and STII†
The following table defines the timing parameters for the XF0 pin during execution of STFI or STII.
switching characteristics over recommended operating conditions for XF0 when executing STFI
or STII (see Figure 23)
PARAMETER
VC33-120
VC33-150
UNIT
PARAMETER
MIN MAX
MIN MAX
UNIT
td(H3H-XF0H)
Delay time, H3 high to XF0 high†
4
3
ns
† XF0 is always set high at the beginning of the execute phase of the interlock-store instruction. When no pipeline conflicts occur, the address of
the store is also driven at the beginning of the execute phase of the interlock-store instruction. However, if a pipeline conflict prevents the store
from executing, the address of the store will not be driven until the store can execute.
H3
H1
PAGEx, STRB
R/W
A[23:0]
D[31:0]
RDY
XF0
Fetch
STFI or STII
Read
Execute
Decode
td(H3H-XF0H)
Figure 23. Timing for XF0 When Executing an STFI or STII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58