データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320VC33 データシート(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320VC33
部品情報  DIGITAL SIGNAL PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 データシート(HTML) 39 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 35Page - Texas Instruments TMS320VC33 Datasheet HTML 36Page - Texas Instruments TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments TMS320VC33 Datasheet HTML 42Page - Texas Instruments TMS320VC33 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
changing XFx from an input to an output
The following table defines the timing parameter for changing the XFx pin from an input pin to an output pin.
switching characteristics over recommended operating conditions for changing XFx from input to
output mode (see Figure 27)
PARAMETER
VC33-120
VC33-150
UNIT
PARAMETER
MIN MAX
MIN MAX
UNIT
td(H3H-XF)
Delay time, H3 high to XFx switching from input to output
4
3
ns
Execution
of
Load of IOF
H3
H1
I/OxFx Bit
(see Note
A)
XFx
td(H3H-XF)
NOTE A: I/OxFx represents either bit 1 or bit 5 of the IOF register.
Figure 27. Timing for Changing XFx From Input to Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58