| データシートサーチシステム |
|
LMV321DBVR データシート(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV321DBVR データシート(HTML) 22 Page - Texas Instruments |
|
22 / 45 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Oct-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMV324QD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LMV324Q LMV324QDG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LMV324Q LMV324QDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LMV324Q LMV324QDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LMV324Q LMV324QPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV324Q LMV324QPWE4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV324Q LMV324QPWG4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV324Q LMV324QPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV324Q LMV324QPWRG4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV324Q LMV324SID OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SI LMV324SIDE4 OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SIDG4 OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SIDR OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SI LMV324SIDRE4 OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SIDRG4 OBSOLETE SOIC D 16 TBD Call TI Call TI -40 to 85 LMV324SIPWR OBSOLETE TSSOP PW 16 TBD Call TI Call TI -40 to 85 MV324SI LMV324SIPWRE4 OBSOLETE TSSOP PW 16 TBD Call TI Call TI -40 to 85 LMV324SIPWRG4 OBSOLETE TSSOP PW 16 TBD Call TI Call TI -40 to 85 LMV358ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 MV358I LMV358IDDUR ACTIVE VSSOP DDU 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 RA5R LMV358IDDURE4 ACTIVE VSSOP DDU 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 RA5R LMV358IDDURG4 ACTIVE VSSOP DDU 8 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 RA5R |