データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV321DBVR データシート(PDF) 26 Page - Texas Instruments

部品番号 LMV321DBVR
部品情報  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMV321DBVR データシート(HTML) 26 Page - Texas Instruments

Back Button LMV321DBVR Datasheet HTML 22Page - Texas Instruments LMV321DBVR Datasheet HTML 23Page - Texas Instruments LMV321DBVR Datasheet HTML 24Page - Texas Instruments LMV321DBVR Datasheet HTML 25Page - Texas Instruments LMV321DBVR Datasheet HTML 26Page - Texas Instruments LMV321DBVR Datasheet HTML 27Page - Texas Instruments LMV321DBVR Datasheet HTML 28Page - Texas Instruments LMV321DBVR Datasheet HTML 29Page - Texas Instruments LMV321DBVR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV321IDBVR
SOT-23
DBV
5
3000
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LMV321IDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LMV321IDBVT
SOT-23
DBV
5
250
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LMV321IDBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LMV321IDCKR
SC70
DCK
5
3000
180.0
9.2
2.3
2.55
1.2
4.0
8.0
Q3
LMV321IDCKR
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
LMV321IDCKT
SC70
DCK
5
250
180.0
9.2
2.3
2.55
1.2
4.0
8.0
Q3
LMV321IDCKT
SC70
DCK
5
250
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
LMV324IDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LMV324IDR
SOIC
D
14
2500
330.0
16.8
6.5
9.5
2.3
8.0
16.0
Q1
LMV324IDRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LMV324IPWR
TSSOP
PW
14
2000
330.0
12.4
7.0
5.6
1.6
8.0
12.0
Q1
LMV324IPWRG4
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LMV324QDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LMV324QPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
LMV358IDDUR
VSSOP
DDU
8
3000
180.0
8.4
2.25
3.35
1.05
4.0
8.0
Q3
LMV358IDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV358IDR
SOIC
D
8
2500
330.0
12.8
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Oct-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45