| データシートサーチシステム |
|
MCP604T-E/ST データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP604T-E/ST データシート(HTML) 17 Page - Microchip Technology |
|
17 / 34 page ![]() © 2007 Microchip Technology Inc. DS21314G-page 17 MCP601/1R/2/3/4 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 5-Lead SOT-23 ( MCP601 and MCP601R only) Example: XXNN SJ25 Device I-Temp Code E-Temp Code MCP601 SANN SLNN MCP601R SJNN SMNN 6-Lead SOT-23 ( MCP603 only) Example: XXNN AU25 Device I-Temp Code E-Temp Code MCP603 AENN AUNN |