データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP604T-E/ST データシート(PDF) 19 Page - Microchip Technology

部品番号 MCP604T-E/ST
部品情報  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP604T-E/ST データシート(HTML) 19 Page - Microchip Technology

Back Button MCP604T-E/ST Datasheet HTML 15Page - Microchip Technology MCP604T-E/ST Datasheet HTML 16Page - Microchip Technology MCP604T-E/ST Datasheet HTML 17Page - Microchip Technology MCP604T-E/ST Datasheet HTML 18Page - Microchip Technology MCP604T-E/ST Datasheet HTML 19Page - Microchip Technology MCP604T-E/ST Datasheet HTML 20Page - Microchip Technology MCP604T-E/ST Datasheet HTML 21Page - Microchip Technology MCP604T-E/ST Datasheet HTML 22Page - Microchip Technology MCP604T-E/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21314G-page 19
MCP601/1R/2/3/4
Package Marking Information (Continued)
14-Lead TSSOP (
MCP604)
Example
:
XXXXXXXX
YYWW
NNN
604E
0722
256
14-Lead SOIC (150 mil) (
MCP604)
Example:
XXXXXXXXXX
YYWWNNN
XXXXXXXXXX
MCP604ISL
0722256
MCP604
0722256
E/SL^^
OR
3
e
14-Lead PDIP (300 mil) (
MCP604)Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
MCP604-I/P
0722256
MCP604
0722256
E/P 3
e
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34