| データシートサーチシステム |
|
DSPIC33FJ12GP201TE/ML データシート(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12GP201TE/ML データシート(HTML) 64 Page - Microchip Technology |
|
64 / 242 page ![]() dsPIC33FJ12GP201/202 DS70264B-page 62 Preliminary © 2007 Microchip Technology Inc. TABLE 6-2: TRAP VECTORS 54 46 0x000070 0x000170 Reserved 55 47 0x000072 0x000172 Reserved 56 48 0x000074 0x000174 Reserved 57 49 0x000076 0x000176 Reserved 58 50 0x000078 0x000178 Reserved 59 51 0x00007A 0x00017A Reserved 60 52 0x00007C 0x00017C Reserved 61 53 0x00007E 0x00017E Reserved 62 54 0x000080 0x000180 Reserved 63 55 0x000082 0x000182 Reserved 64 56 0x000084 0x000184 Reserved 65 57 0x000086 0x000186 Reserved 66 58 0x000088 0x000188 Reserved 67 59 0x00008A 0x00018A Reserved 68 60 0x00008C 0x00018C Reserved 69 61 0x00008E 0x00018E Reserved 70 62 0x000090 0x000190 Reserved 71 63 0x000092 0x000192 Reserved 72 64 0x000094 0x000194 Reserved 73 65 0x000096 0x000196 U1E – UART1 Error 74 66 0x000098 0x000198 Reserved 75 67 0x00009A 0x00019A Reserved 76 68 0x00009C 0x00019C Reserved 77 69 0x00009E 0x00019E Reserved 78 70 0x0000A0 0x0001A0 Reserved 79 71 0x0000A2 0x0001A2 Reserved 80-125 72-117 0x0000A4- 0x0000FE 0x0001A4- 0x0001FE Reserved Vector Number IVT Address AIVT Address Trap Source 0 0x000004 0x000104 Reserved 1 0x000006 0x000106 Oscillator Failure 2 0x000008 0x000108 Address Error 3 0x00000A 0x00010A Stack Error 4 0x00000C 0x00010C Math Error 5 0x00000E 0x00010E Reserved 6 0x000010 0x000110 Reserved 7 0x000012 0x000112 Reserved TABLE 6-1: INTERRUPT VECTORS (CONTINUED) Vector Number Interrupt Request (IRQ) Number IVT Address AIVT Address Interrupt Source |