| データシートサーチシステム |
|
DSPIC33FJ12GP201TE/ML データシート(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12GP201TE/ML データシート(HTML) 85 Page - Microchip Technology |
|
85 / 242 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70264B-page 83 dsPIC33FJ12GP201/202 REGISTER 6-18: IPC16: INTERRUPT PRIORITY CONTROL REGISTER 16 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 R/W-1 R/W-0 R/W-0 U-0 U-0 U-0 U-0 — U1EIP<2:0> — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-7 Unimplemented: Read as ‘0’ bit 6-4 U1EIP<2:0>: UART1 Error Interrupt Priority bits 111 = Interrupt is priority 7 (highest priority interrupt) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled bit 3-0 Unimplemented: Read as ‘0’ |