| データシートサーチシステム |
|
DM163006 データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM163006 データシート(HTML) 14 Page - Microchip Technology |
|
14 / 320 page ![]() PIC18C601/801 DS39541A-page 14 Advance Information 2001 Microchip Technology Inc. PORTB is a bi-directional I/O port. PORTB can be software programmed for internal weak pull-ups on all inputs. RB0/INT0 RB0 INT0 48 60 58 72 I/O I TTL ST Digital I/O. External interrupt 0. RB1/INT1 RB1 INT1 47 59 57 71 I/O I TTL ST Digital I/O. External interrupt 1. RB2/INT2 RB2 INT2 46 58 56 70 I/O I TTL ST Digital I/O. External interrupt 2. RB3/CCP2 RB3 CCP2 45 57 55 69 I/O I/O TTL ST Digital I/O. Capture2 input, Compare2 output, PWM2 output. RB4 44 56 54 68 I/O TTL Digital I/O, Interrupt-on-change pin. RB5 43 55 53 67 I/O TTL Digital I/O, Interrupt-on-change pin. RB6 42 545266 I/O I TTL ST Digital I/O, Interrupt-on-change pin. ICSP programming clock. RB7 37 484760 I/O I/O TTL ST Digital I/O, Interrupt-on-change pin. ICSP programming data. TABLE 1-2: PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type PIC18C601 PIC18C801 TQFP PLCC TQFP PLCC Description Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open Drain (no P diode to VDD) |