| データシートサーチシステム |
|
DM163006 データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM163006 データシート(HTML) 17 Page - Microchip Technology |
|
17 / 320 page ![]() 2001 Microchip Technology Inc. Advance Information DS39541A-page 17 PIC18C601/801 PORTE is a bi-directional I/O port. RE0/AD8 RE0 AD8 211 4 15 I/O I/O ST TTL Digital I/O. External memory address/data 8. RE1/AD9 RE1 AD9 110314 I/O I/O ST TTL Digital I/O. External memory address/data 9. RE2/AD10 RE2 AD10 649789 I/O I/O ST TTL Digital I/O. External memory address/data 10. RE3/AD11 RE3 AD11 638778 I/O I/O ST TTL Digital I/O. External memory address/data 11. RE4/AD12 RE4 AD12 627767 I/O I/O ST TTL Digital I/O. External memory address/data 12. RE5/AD13 RE5 AD13 616756 I/O I/O ST TTL Digital I/O. External memory address/data 13. RE6/AD14 RE6 AD14 605745 I/O I/O ST TTL Digital I/O. External memory address/data 14. RE7/AD15 RE7 AD15 594734 I/O I/O ST ST Digital I/O. External memory address/data 15. TABLE 1-2: PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type PIC18C601 PIC18C801 TQFP PLCC TQFP PLCC Description Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open Drain (no P diode to VDD) |