データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

25LC256XT-I/ST データシート(PDF) 23 Page - Microchip Technology

部品番号 25LC256XT-I/ST
部品情報  256K SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC256XT-I/ST データシート(HTML) 23 Page - Microchip Technology

Back Button 25LC256XT-I/ST Datasheet HTML 19Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 20Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 21Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 22Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 23Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 24Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 25Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 26Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
 2003-2013 Microchip Technology Inc.
DS21822G-page 23
25AA256/25LC256
8-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm Body [TSSOP]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side.
3. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
0.65 BSC
Overall Height
A
–
–
1.20
Molded Package Thickness
A2
0.80
1.00
1.05
Standoff
A1
0.05
–
0.15
Overall Width
E
6.40 BSC
Molded Package Width
E1
4.30
4.40
4.50
Molded Package Length
D
2.90
3.00
3.10
Foot Length
L
0.45
0.60
0.75
Footprint
L1
1.00 REF
Foot Angle
φ
0°
–
8°
Lead Thickness
c
0.09
–
0.20
Lead Width
b
0.19
–
0.30
D
N
E
E1
NOTE 1
12
b
e
c
A
A1
A2
L1
L
φ
Microchip Technology Drawing C04-086B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32