データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

25LC256XT-I/ST データシート(PDF) 16 Page - Microchip Technology

部品番号 25LC256XT-I/ST
部品情報  256K SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC256XT-I/ST データシート(HTML) 16 Page - Microchip Technology

Back Button 25LC256XT-I/ST Datasheet HTML 12Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 13Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 14Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 15Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 16Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 17Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 18Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 19Page - Microchip Technology 25LC256XT-I/ST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
25AA256/25LC256
DS21822G-page 16
 2003-2013 Microchip Technology Inc.
8-Lead Plastic Dual In-Line (P) – 300 mil Body [PDIP]
Notes:
1. Pin 1 visual index feature may vary, but must be located with the hatched area.
2. § Significant Characteristic.
3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" per side.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
INCHES
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
.100 BSC
Top to Seating Plane
A
–
–
.210
Molded Package Thickness
A2
.115
.130
.195
Base to Seating Plane
A1
.015
–
–
Shoulder to Shoulder Width
E
.290
.310
.325
Molded Package Width
E1
.240
.250
.280
Overall Length
D
.348
.365
.400
Tip to Seating Plane
L
.115
.130
.150
Lead Thickness
c
.008
.010
.015
Upper Lead Width
b1
.040
.060
.070
Lower Lead Width
b
.014
.018
.022
Overall Row Spacing §
eB
–
–
.430
N
E1
NOTE 1
D
12
3
A
A1
A2
L
b1
b
e
E
eB
c
Microchip Technology Drawing C04-018B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32