| データシートサーチシステム |
|
PCF8576DT/S400/2 データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/S400/2 データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 57 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 14 — 10 June 2013 25 of 57 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates [1] The possibility to disable the display allows implementation of blinking under external control. [2] Default value. [3] The display is disabled by setting all backplane and segment outputs to VLCD. [4] Not applicable for static drive mode. [1] Default value. [1] Default value. Table 12. Mode-set command bit description Bit Symbol Value Description 7C 0, 1see Table 11 6, 5 - 10 fixed value 4 - - unused 3E display status[1] 0[2] disabled (blank)[3] 1 enabled 2B LCD bias configuration[4] 0[2] 1⁄3 bias 1 1⁄2 bias 1 to 0 M[1:0] LCD drive mode selection 01 static; BP0 10 1:2 multiplex; BP0, BP1 11 1:3 multiplex; BP0, BP1, BP2 00[2] 1:4 multiplex; BP0, BP1, BP2, BP3 Table 13. Load-data-pointer command bit description See Section 7.10.1. Bit Symbol Value Description 7C 0, 1see Table 11 6 - 0 fixed value 5 to 0 P[5:0] 000000[1] to 100111 6 bit binary value, 0 to 39; transferred to the data pointer to define one of forty display RAM addresses Table 14. Device-select command bit description See Section 7.10.2. Bit Symbol Value Description 7C 0, 1see Table 11 6 to 3 - 1100 fixed value 2 to 0 A[2:0] 000[1] to 111 3 bit binary value, 0 to 7; transferred to the subaddress counter to define one of eight hardware subaddresses |