| データシートサーチシステム |
|
PCF8576DT/S400/2 データシート(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT/S400/2 データシート(HTML) 34 Page - NXP Semiconductors |
|
34 / 57 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 14 — 10 June 2013 34 of 57 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 12. Dynamic characteristics [1] Typical output duty factor: 50 % measured at the CLK output pin. [2] Not tested in production. [3] All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an input voltage swing of VSS to VDD. Table 20. Dynamic characteristics VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = 40 C to +85 C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Clock fclk(int) internal clock frequency [1] 1440 1850 2640 Hz fclk(ext) external clock frequency 960 - 2640 Hz tclk(H) HIGH-level clock time 60 - - s tclk(L) LOW-level clock time 60 - - s Synchronization tPD(SYNC_N) SYNC propagation delay - 30 - ns tSYNC_NL SYNC LOW time 1 - - s tPD(drv) driver propagation delay VLCD = 5 V [2] --30 s I2C-bus[3] Pin SCL fSCL SCL clock frequency - - 400 kHz tLOW LOW period of the SCL clock 1.3 - - s tHIGH HIGH period of the SCL clock 0.6 - - s Pin SDA tSU;DAT data set-up time 100 - - ns tHD;DAT data hold time 0 - - ns Pins SCL and SDA tBUF bus free time between a STOP and START condition 1.3 - - s tSU;STO set-up time for STOP condition 0.6 - - s tHD;STA hold time (repeated) START condition 0.6 - - s tSU;STA set-up time for a repeated START condition 0.6 - - s tr rise time of both SDA and SCL signals fSCL = 400 kHz - - 0.3 s fSCL < 125 kHz - - 1.0 s tf fall time of both SDA and SCL signals - - 0.3 s Cb capacitive load for each bus line - - 400 pF tw(spike) spike pulse width on the I2C-bus --50 ns |