データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7476BRTZ-R23 データシート(PDF) 20 Page - Analog Devices

部品番号 AD7476BRTZ-R23
部品情報  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7476BRTZ-R23 データシート(HTML) 20 Page - Analog Devices

Back Button AD7476BRTZ-R23 Datasheet HTML 16Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 17Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 18Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 19Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 20Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 21Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 22Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 23Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 20 of 24
SRD
SDATA
AD7476/
AD7477/
AD74781
DSP56xxx1
SCLK
SCK
CS
SC2
1ADDITIONAL PINS OMITTED FOR CLARITY
MISO/PMC0
SDATA
AD7476/
AD7477/
AD74781
MC68HC161
SCLK
SCLK/PMC2
CS
SS/PMC9
1ADDITIONAL PINS OMITTED FOR CLARITY
Figure 28. Interfacing to the DSP56xxx
Figure 29. Interfacing to the MC68HC16
AD7476/AD7477/AD7478 to MC68HC16 Interface
The serial transfer takes place as a 16-bit operation when the
SIZE bit in the SPCR register is set to SIZE = 1. To implement
the power-down mode with an 8-bit transfer, set SIZE = 0.
A connection diagram is shown in Figure 29.
The serial peripheral interface (SPI) on the MC68HC16 is
configured for master mode (MSTR = 1), the clock polarity bit
(CPOL) = 1, and the clock phase bit (CPHA) = 0. The SPI is
configured by writing to the SPI Control Register (SPCR). For
more information on the MC68HC16, check with Motorola for
the related documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24