| データシートサーチシステム |
|
E3F2-R4B4F-M1-M データシート(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R4B4F-M1-M データシート(HTML) 9 Page - Omron Electronics LLC |
|
9 / 24 page ![]() Photoelectric Sensors E3F2 9 ■ Excess Gain Ratio vs. Distance (typical) Diffuse reflective Models (axial) E3F2-DS10 @4-@ (wide-beam type) Diffuse reflective Models (axial) E3F2-DS10Z- @ (wide-beam type) Diffuse reflective Models (axial) E3F2-DS30 @4-@ Diffuse reflective Models (radial) E3F2-DS30 @41-@ Diffuse reflective Models (axial) E3F2-D1 @4-@ Through-beam Models (axial) E3F2-7 @4-@ Through-beam Models (axial) E3F2-3Z @ Through-beam Models (axial) E3F2-10 @ 20 40 60 80 100 120 0 0 5 10 15 –5 –10 –15 Distance X (mm) 140 white paper (50 x 50 mm) X Y Object 20 40 60 80 100 120 0 0 10 20 30 –10 –20 –30 Distance X (mm) 140 white paper (50 x 50 mm) X Y Object 100 200 300 400 500 600 0 0 10 20 30 40 –10 –20 –30 –40 Distance X (mm) Sensing distance adjustable between 0 and 550 mm Sensitivity adjusted to maximum Sensitivity adjusted to 400 mm white paper (100 x 100 mm) X Y Object 100 200 300 400 500 0 0 10 20 30 40 –10 –20 –30 –40 Distance X (mm) Sensitivity adjusted to 390 mm White paper (90% reflectivity) Sensing object: 100 x 100 mm X Y Object 100 80 60 40 20 0 -20 -40 -60 -80 -100 0 200 400 600 800 1000 1200 1400 1600 Distance X (mm) Sensing object: 300 x 300 mm X Y Object 2 4 6 8 10 12 0 100 10 1 0.1 Distance X (m) 1 2345 6 0 100 10 1 0.1 Distance X (m) 7 1 10 100 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Distance [m] |