| データシートサーチシステム |
|
E3F2-R4B4F-M1-M データシート(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R4B4F-M1-M データシート(HTML) 3 Page - Omron Electronics LLC |
|
3 / 24 page ![]() Photoelectric Sensors E3F2 3 ■ Housing material: Metal (Nickel plated brass) Note: Shaded models are normally stocked. Note: Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the length of the cable (e.g. E3F2-R2RB4 2M or E3F2-R2RB4 5M). For other cable length please contact your OMRON sales representative. Sensing method Appearance Connection method Sensing distance Model PNP output NPN output Through-beam Multi purpose axial pre-wired 7 m E3F2-7B4-M E3F2-7C4-M M12 connector E3F2-7B4-M1-M E3F2-7C4-M1-M - precision detection - test input pre-wired 10 m E3F2-10B4-M E3F2-10C4-M M12 connector E3F2-10B4-M 1-M E3F2-10C4-M 1-M Retro- reflective (incl. reflector E39-R1) Polarizing (with MSR function) Fixed sensitivity axial pre-wired 0.1 - 2 m(*1) *1) with reflector E39-R1 E3F2-R2RB4-M E3F2-R2RC4-M M12 connector E3F2-R2RB4-M1-M E3F2-R2RC4-M1-M pre-wired 0.1 - 4 m(*2) *2) with reflector E39-R1S E3F2-R4B4F-M E3F2-R4C4F-M M12 connector E3F2-R4B4F-M1-M E3F2-R4C4F-M1-M Adjustable sensitivity pre-wired E3F2-R4B4-M E3F2-R4C4-M M12 connector E3F2-R4B4-M1-M E3F2-R4C4-M1-M Polarizing (with MSR function) radial pre-wired 0.1 - 2 m(*1) E3F2-R2RB41-M E3F2-R2RC41-M Diffuse reflective Fixed sensing distance Wide-beam characteristics axial pre-wired 0.1 m E3F2-DS10B4-M E3F2-DS10C4-M M12 connector E3F2-DS10B4-M1-M E3F2-DS10C4-M1-M Adjustable sensing distance pre-wired 0.3 m E3F2-DS30B4-M E3F2-DS30C4-M M12 connector E3F2-DS30B4-M1-M E3F2-DS30C4-M1-M pre-wired 1 m E3F2-D1B4-M E3F2-D1C4-M M12 connector E3F2-D1B4-M1-M E3F2-D1C4-M1-M Adjustable sensing distance radial pre-wired 0.3 m E3F2-DS30B41-M E3F2-DS30C41-M M12 connector E3F2-DS30B41-M1-M E3F2-DS30C41-M1-M Background suppression Fixed sensing distance axial pre-wired 10 cm E3F2-LS10B4-M E3F2-LS10C4-M M12 connector E3F2-LS10B4-M1-M E3F2-LS10C4-M1-M |