| データシートサーチシステム |
|
CRCW120682K5FSTA データシート(PDF) 7 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CRCW120682K5FSTA データシート(HTML) 7 Page - Vishay Siliconix |
|
7 / 8 page ![]() www.vishay.com For technical questions, contact: thickfilmchip@vishay.com Document Number: 20008 124 Revision: 18-Nov-10 D/CRCW Vishay Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors All tests are carried out in accordance with the following specifications: • EN 60115-1, generic specification • EN 140400, sectional specification • EN 140401-802, detail specification • IEC 60068-2, environmental test procedures Packaging of components is done in paper or blister tapes according to IEC 60286-3. 4.22 6 (Fc) Vibration, endurance by sweeping f = 10 Hz to 2000 Hz; x, y, z ≤ 1.5 mm; A ≤ 200 m/s2; 10 sweeps per axis ± (0.25 % R + 0.05 Ω) ± (0.5 % R + 0.05 Ω) 4.37 - Periodic electric overload U = ≤ 2 x Umax.; 0.1 s on; 2.5 s off; 1000 cycles ± (1 % R + 0.05 Ω) 4.27 - Single pulse high voltage overload, 10 µs/700 µs Û = 10 x ≤ 2 x Umax.; 10 pulses ± (1 % R + 0,05 Ω) TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60082-2 TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE ( ΔR) STABILITY CLASS 1 OR BETTER STABILITY CLASS 2 OR BETTER Stability for product types: 1 Ω to 10 MΩ 1 Ω to 10 MΩ D/CRCW 15 x P 70 x R P 70 x R |