| データシートサーチシステム |
|
CRCW120682K5FSTA データシート(PDF) 1 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CRCW120682K5FSTA データシート(HTML) 1 Page - Vishay Siliconix |
|
1 / 8 page ![]() www.vishay.com For technical questions, contact: thickfilmchip@vishay.com Document Number: 20008 118 Revision: 18-Nov-10 D/CRCW Vishay Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors FEATURES • Stability ΔR/R = 1 % for 1000 h at 70 °C • Lead (Pb)-bearing termination plating on Ni barrier layer • Metal glaze on high quality ceramic • Halogen-free according to IEC 61249-2-21 definiton • AEC-Q200 qualified, rev. C compliant Notes • These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime. • Marking: See datasheet “Surface Mount Resistor Marking” (document number 20020). • Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material. STANDARD ELECTRICAL SPECIFICATIONS MODEL SIZE RATED DISSIPATION P70 W LIMITING ELEMENT VOLTAGE Umax. AC/DC TEMPERATURE COEFFICIENT ppm/K TOLERANCE % RESISTANCE RANGE Ω SERIES INCH METRIC D10/CRCW0402 0402 RR 1005M 0.063 50 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m Ω, Imax. = 1.5 A D11/CRCW0603 0603 RR 1608M 0.10 75 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m Ω, Imax. = 2.0 A D12/CRCW0805 0805 RR 2012M 0.125 150 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m Ω, Imax. = 2.5 A D25/CRCW1206 1206 RR 3216M 0.25 200 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m Ω, Imax. = 3.5 A CRCW1210 1210 RR 3225M 0.50 200 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m Ω, Imax. = 5.0 A CRCW1218 1218 RR 3246M 1.0 200 ± 100 ± 200 ± 1 ± 5 1R0 to 2M2 E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m Ω, Imax. = 7.0 A CRCW2010 2010 RR 5025M 0.75 400 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m Ω, Imax. = 6.0 A CRCW2512 2512 RR 6332M 1.0 500 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m Ω, Imax. = 7.0 A |
同様の部品番号 - CRCW120682K5FSTA |
|
同様の説明 - CRCW120682K5FSTA |