| データシートサーチシステム |
|
TAS5706APAPR データシート(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5706APAPR データシート(HTML) 33 Page - Texas Instruments |
|
33 / 71 page ![]() Dynamic Range Control (DRC) DRC Input Level T k M0091-01 1:1 TransferFunction Implemented TransferFunction S Z –1 AlphaFilterStructure w a B0265-01 Energy Filter a w , T,K,O a w a, a d d / , a w DRC1 DRC2 0x3A 0x40,0x41,0x42 0x3B/0x3C 0x3E/0x3F 0x43,0x44,0x45 0x3D Compression Control Attack and Decay Filters AudioInput DRCCoefficient NOTE: =a =1 – a a w TAS5706A TAS5706B www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009 The DRC scheme has a single threshold, offset, and slope (all programmable). There is one ganged DRC for the left/right channels and one DRC for the subwoofer channel. The DRC input/output diagram is shown in Figure 44. Professional-quality dynamic range compression automatically adjusts volume to flatten volume level. • One DRC for left/right and one DRC for subwoofer • Each DRC has adjustable threshold, offset, and compression levels • Programmable energy, attack, and decay time constants • Transparent compression: compressors can attack fast enough to avoid apparent clipping before engaging, and decay times can be set slow enough to avoid pumping. Figure 44. Dynamic Range Control Figure 45. DRC Structure Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 33 Product Folder Link(s): TAS5706A TAS5706B TAS5706A is Not Recommended for New Designs |