| データシートサーチシステム |
|
TAS5706APAPR データシート(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5706APAPR データシート(HTML) 53 Page - Texas Instruments |
|
53 / 71 page ![]() INPUT MULTIPLEXER REGISTER (0x20) TAS5706A TAS5706B www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009 The hex value for each nibble is the channel number. For each input multiplexer, any input from SDIN1, SDIN2 can be mapped to any internal TAS5706A channel. Table 19. Input Multiplexer Register (0x20) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 – – – – – – Reserved = 0x00 0 Do not negate Ch6 volume in speaker mode 1 Negate Ch6 volume in speaker mode (1) 0 Do not negate Ch5 volume in speaker mode 1 Negate Ch5 volume in speaker mode (1) 0 Do not negate Ch4 volume in speaker mode 1 Negate Ch4 volume in speaker mode (1) 0 Do not negate Ch3 volume in speaker mode 1 Negate Ch3 volume in speaker mode (1) 0 Do not negate Ch2 volume in speaker mode 1 Negate Ch2 volume in speaker mode (1) 0 Do not negate Ch1 volume in speaker mode 1 Negate Ch1 volume in speaker mode (1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 – – – – – – – Channel-1 AD mode 1 – – – – – – – Channel-1 BD mode (2) – 0 0 0 – – – – SDIN1-L to channel 1 (2) – 0 0 1 – – – – SDIN1-R to channel 1 – 0 1 0 – – – – SDIN2-L to channel 1 – 0 1 1 – – – – SDIN2-R to channel 1 – 1 0 0 – – – – Reserved – 1 0 1 – – – – Reserved – 1 1 0 – – – – Ground (0) to channel 1 – 1 1 1 – – – – Reserved – – – – 0 – – – Channel 2 AD mode – – – – 1 – – – Channel 2 BD mode (2) – – – – – 0 0 0 SDIN1-L to channel 2 – – – – – 0 0 1 SDIN1-R to channel 2 (2) – – – – – 0 1 0 SDIN2-L to channel 2 – – – – – 0 1 1 SDIN2-R to channel 2 – – – – – 1 0 0 Reserved – – – – – 1 0 1 Reserved – – – – – 1 1 0 Ground (0) to channel 2 – – – – – 1 1 1 Reserved (1) Negate channel volume is used in Single Ended Mode to avoid Supply Pumping.When volume negation is enabled,speaker has to be connected in reverse order: connect postive terminal to Ground and negative terminal to the Output (2) Default values are in bold. Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 53 Product Folder Link(s): TAS5706A TAS5706B TAS5706A is Not Recommended for New Designs |