データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC12F635ESS データシート(PDF) 58 Page - Microchip Technology

部品番号 PIC12F635ESS
部品情報  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS データシート(HTML) 58 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 54Page - Microchip Technology PIC12F635ESS Datasheet HTML 55Page - Microchip Technology PIC12F635ESS Datasheet HTML 56Page - Microchip Technology PIC12F635ESS Datasheet HTML 57Page - Microchip Technology PIC12F635ESS Datasheet HTML 58Page - Microchip Technology PIC12F635ESS Datasheet HTML 59Page - Microchip Technology PIC12F635ESS Datasheet HTML 60Page - Microchip Technology PIC12F635ESS Datasheet HTML 61Page - Microchip Technology PIC12F635ESS Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 56
© 2007 Microchip Technology Inc.
TABLE 4-1:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR,
WUR
Value on all
other Resets
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xx00
--uu uu00
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 000x
0000 000x
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
uuuu uuuu
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
uuuu uuuu
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
uuuu uuuu
CMCON1
—
—
—
—
—
—T1GSS
CxSYNC
---- --10
---- --10
CMCON0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
WPUDA
—
—
WPUDA5
WPUDA4
—
WPUDA2
WPUDA1
WPUDA0
--11 -111
--11 -111
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
--00 0000
WDA
—
—
WDA5
WDA4
—
WDA2
WDA1
WDA0
--11 -111
--11 -111
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More