| データシートサーチシステム |
|
PIC12F635ESS データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635ESS データシート(HTML) 17 Page - Microchip Technology |
|
17 / 234 page ![]() © 2007 Microchip Technology Inc. DS41232D-page 15 PIC12F635/PIC16F636/639 RC3/LFDATA/RSSI/CCLK/SDO RC3 TTL CMOS General purpose I/O. LFDATA — CMOS Digital output representation of analog input signal to LC pins. RSSI — Current Received signal strength indicator. Analog current that is proportional to input amplitude. CCLK — — Carrier clock output. SDIO TTL CMOS Input/Output for SPI communication. RC4/C2OUT RC4 TTL CMOS General purpose I/O. C2OUT — CMOS Comparator2 output. RC5 RC5 TTL CMOS General purpose I/O. VDDT VDDT D — Power supply for Analog Front-End. In this document, VDDT is treated the same as VDD, unless otherwise stated. VSST VSST D — Ground reference for Analog Front-End. In this document, VSST is treated the same as VSS, unless otherwise stated. VDD VDD D — Power supply for microcontroller. VSS VSS D — Ground reference for microcontroller. TABLE 1-3: PIC16F639 PINOUT DESCRIPTIONS (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output D = Direct HV = High Voltage ST = Schmitt Trigger input with CMOS levels OD = Open Drain TTL = TTL compatible input XTAL = Crystal |