| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 219 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 219 Page - Microchip Technology |
|
219 / 384 page ![]() SDAx SCLx SSPxIF BF (SSPxSTAT<0>) SEN A7 A6 A5 A4 A3 A2 A1 ACK = 0 D7 D6 D5 D4 D3 D2 D1 D0 ACK Transmitting Data or Second Half R/W = 0 Transmit Address to Slave 1 2 3 4 56 7 8 9 1 2 3 4 5 67 8 9 P Cleared by software service routine SSPxBUF is written by software from SSP interrupt After Start condition, SEN cleared by hardware S SSPxBUF written with 7-bit address and R/W start transmit SCLx held low while CPU responds to SSPxIF SEN = 0 of 10-bit Address Write SSPxCON2<0> SEN = 1 Start condition begins From slave, clear ACKSTAT bit SSPxCON2<6> ACKSTAT in SSPxCON2 = 1 Cleared by software SSPxBUF written PEN R/W Cleared by software |