データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F1508TESSQTO データシート(PDF) 13 Page - Microchip Technology

部品番号 PIC16F1508TESSQTO
部品情報  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO データシート(HTML) 13 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 9Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 10Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 11Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 12Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 13Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 14Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 15Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 16Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 13
PIC16(L)F1508/9
RC5/PWM1/CLC1(2)/
CWG1A
RC5
TTL
CMOS General purpose I/O.
PWM1
—
CMOS PWM output.
CLC1
—
CMOS Configurable Logic Cell source output.
CWG1A
—
CMOS CWG primary output.
RC6/AN8/NCO1(2)/CLC3IN1/
SS(1)
RC6
TTL
CMOS General purpose I/O.
AN8
AN
—
A/D Channel input.
NCO1
—
CMOS Numerically Controlled Oscillator source output.
CLC3IN1
ST
—
Configurable Logic Cell source input.
SS
ST
—
Slave Select input.
RC7/AN9/CLC1IN1/SDO
RC7
TTL
CMOS General purpose I/O.
AN9
AN
—
A/D Channel input.
CLC1IN1
ST
—
Configurable Logic Cell source input.
SDO
—
CMOS SPI data output.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-2:
PIC16(L)F1508/9 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register.
2: Alternate location for peripheral pin function selected by the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More