| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 256 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 256 Page - Microchip Technology |
|
256 / 384 page ![]() PIC16(L)F1508/9 DS41609A-page 256 Preliminary 2011 Microchip Technology Inc. FIGURE 22-7: AUTO-WAKE-UP BIT (WUE) TIMING DURING NORMAL OPERATION FIGURE 22-8: AUTO-WAKE-UP BIT (WUE) TIMINGS DURING SLEEP Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1Q2 Q3 Q4 Q1Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 OSC1 WUE bit RX/DT Line RCIF Bit set by user Auto Cleared Cleared due to User Read of RCREG Note 1: The EUSART remains in Idle while the WUE bit is set. Q1Q2Q3 Q4 Q1Q2 Q3 Q4 Q1Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1Q2 Q3 Q4 OSC1 WUE bit RX/DT Line RCIF Bit Set by User Auto Cleared Cleared due to User Read of RCREG Sleep Command Executed Note 1 Note 1: If the wake-up event requires long oscillator warm-up time, the automatic clearing of the WUE bit can occur while the stposc signal is still active. This sequence should not depend on the presence of Q clocks. 2: The EUSART remains in Idle while the WUE bit is set. Sleep Ends |