| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 261 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 261 Page - Microchip Technology |
|
261 / 384 page ![]() 2011 Microchip Technology Inc. Preliminary DS41609A-page 261 PIC16(L)F1508/9 FIGURE 22-12: SYNCHRONOUS RECEPTION (MASTER MODE, SREN) TABLE 22-8: SUMMARY OF REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER RECEPTION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUDCON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 248 INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 78 PIE1 TMR1GIE ADIE RCIE TXIE SSP1IE — TMR2IE TMR1IE 79 PIR1 TMR1GIF ADIF RCIF TXIF SSP1IF — TMR2IF TMR1IF 82 RCREG EUSART Receive Data Register 242* RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 247 SPBRGL BRG<7:0> 249* SPBRGH BRG<15:8> 249* TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 122 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 246 Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for synchronous master reception. * Page provides register information. CREN bit RX/DT Write to bit SREN SREN bit RCIF bit (Interrupt) Read RCREG ‘0’ bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 ‘0’ Note: Timing diagram demonstrates Sync Master mode with bit SREN = 1 and bit BRGH = 0. TX/CK pin TX/CK pin pin (SCKP = 0) (SCKP = 1) |