データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F1508TESSQTO データシート(PDF) 297 Page - Microchip Technology

部品番号 PIC16F1508TESSQTO
部品情報  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO データシート(HTML) 297 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 293Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 294Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 295Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 296Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 297Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 298Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 299Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 300Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 301Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 297
PIC16(L)F1508/9
26.0 COMPLEMENTARY WAVEFORM
GENERATOR (CWG) MODULE
The Complementary Waveform Generator (CWG) pro-
duces a complementary waveform with dead-band
delay from a selection of input sources.
The CWG module has the following features:
• Selectable dead-band clock source control
• Selectable input sources
• Output enable control
• Output polarity control
• Dead-band control with independent 6-bit rising
and falling edge dead-band counters
• Auto-shutdown control with:
- Selectable shutdown sources
- Auto-restart enable
- Auto-shutdown pin override control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More