データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F1508TESSQTO データシート(PDF) 328 Page - Microchip Technology

部品番号 PIC16F1508TESSQTO
部品情報  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO データシート(HTML) 328 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 324Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 325Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 326Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 327Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 328Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 329Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 330Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 331Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 384 page
background image
PIC16(L)F1508/9
DS41609A-page 328
Preliminary
 2011 Microchip Technology Inc.
SWAPF
Swap Nibbles in f
Syntax:
[ label ]
SWAPF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f<3:0>)
 (destination<7:4>),
(f<7:4>)
 (destination<3:0>)
Status Affected:
None
Description:
The upper and lower nibbles of regis-
ter ‘f’ are exchanged. If ‘d’ is ‘0’, the
result is placed in the W register. If ‘d’
is ‘1’, the result is placed in register ‘f’.
TRIS
Load TRIS Register with W
Syntax:
[ label ] TRIS f
Operands:
5
 f  7
Operation:
(W)
 TRIS register ‘f’
Status Affected:
None
Description:
Move data from W register to TRIS
register.
When ‘f’ = 5, TRISA is loaded.
When ‘f’ = 6, TRISB is loaded.
When ‘f’ = 7, TRISC is loaded.
XORLW
Exclusive OR literal with W
Syntax:
[ label ]XORLW k
Operands:
0
k 255
Operation:
(W) .XOR. k
W)
Status Affected:
Z
Description:
The contents of the W register are
XOR’ed with the eight-bit
literal ‘k’. The result is placed in the
W register.
XORWF
Exclusive OR W with f
Syntax:
[ label ]
XORWF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(W) .XOR. (f)
destination)
Status Affected:
Z
Description:
Exclusive OR the contents of the W
register with register ‘f’. If ‘d’ is ‘0’, the
result is stored in the W register. If ‘d’
is ‘1’, the result is stored back in regis-
ter ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More