| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 363 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 363 Page - Microchip Technology |
|
363 / 384 page ![]() 2011 Microchip Technology Inc. Preliminary DS41609A-page 363 PIC16(L)F1508/9 32.0 PACKAGING INFORMATION 32.1 Package Marking Information * Standard PICmicro® device marking consists of Microchip part number, year code, week code and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 20-Lead PDIP (300 mil) Example XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN PIC16F1508 -E/P 3 e 1120123 20-Lead SOIC (7.50 mm) Example PIC16F1508 -E/SO 3 e 1120123 |