| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 383 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 383 Page - Microchip Technology |
|
383 / 384 page ![]() 2011 Microchip Technology Inc. Preliminary DS41609A-page 383 PIC16(L)F1508/9 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC16F1508, PIC16LF1508, PIC16F1509, PIC16LF1509 Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C(Industrial) E= -40 C to +125C (Extended) Package: ML = Micro Lead Frame (QFN) 4x4 P= Plastic DIP SO = SOIC SS = SSOP Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) PIC16LF1508T - I/SO Tape and Reel, Industrial temperature, SOIC package b) PIC16F1509 - I/P Industrial temperature PDIP package c) PIC16F1508 - E/ML Extended temperature, QFN package QTP pattern #298 Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - |