データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F1508TESSQTO データシート(PDF) 143 Page - Microchip Technology

部品番号 PIC16F1508TESSQTO
部品情報  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO データシート(HTML) 143 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 139Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 140Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 141Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 142Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 143Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 144Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 145Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 146Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 143
PIC16(L)F1508/9
REGISTER 15-3:
ADCON2: A/D CONTROL REGISTER 2
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
U-0
U-0
TRIGSEL<3:0>
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
TRIGSEL<3:0>:
Auto-Conversion Trigger Selection bits(1)
0000 = No auto-conversion trigger selected
0001 =Reserved
0010 =Reserved
0011 = TMR0 Overflow(2)
0100 = TMR1 Overflow(2)
0101 = TMR2 Match to PR2(2)
0110 = SYNCC1OUT
0111 = SYNCC2OUT
1000 =CLC1
1001 =CLC2
1010 =CLC3
1011 =CLC4
1100 =Reserved
1101 =Reserved
1110 =Reserved
1111 = Reserved
bit 3-0
Unimplemented:
Read as ‘0’
Note 1:
This is a rising edge sensitive input for all sources.
2:
Signal also sets its corresponding interrupt flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More