| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 154 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 154 Page - Microchip Technology |
|
154 / 384 page ![]() PIC16(L)F1508/9 DS41609A-page 154 Preliminary 2011 Microchip Technology Inc. FIGURE 17-2: COMPARATOR MODULES SIMPLIFIED BLOCK DIAGRAM Note 1: When CxON = 0, the Comparator will produce a ‘0’ at the output 2: When CxON = 0, all multiplexer inputs are disconnected. MUX Cx 0 1 2 3 CxON(1) CxNCH<2:0> 3 0 1 CXPCH<1:0> C12IN1- C12IN2- C12IN3- CXIN+ MUX - + CxVN CxVP CXOUT Q1 D EN Q CXPOL MCXOUT Set CxIF 0 1 CXSYNC CXOE CXOUT DQ SYNCCXOUT DAC FVR Buffer2 C12IN0- 2 CxSP CxHYS det Interrupt det Interrupt CxINTN CxINTP 2 3 TRIS bit CxON (2) (2) (from Timer1) T1CLK To Timer1, 4 FVR Buffer2 To CWG async_CxOUT CLCx, ADC |