| データシートサーチシステム |
|
DSPIC30F2010 データシート(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 データシート(HTML) 79 Page - Microchip Technology |
|
79 / 236 page ![]() TABLE 11-1: TIMER4/5 REGISTER MAP SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State TMR4 0114 Timer4 Register uuuu uuuu uuuu uuuu TMR5HLD 0116 Timer5 Holding Register (For 32-bit operations only) uuuu uuuu uuuu uuuu TMR5 0118 Timer5 Register uuuu uuuu uuuu uuuu PR4 011A Period Register 4 1111 1111 1111 1111 PR5 011C Period Register 5 1111 1111 1111 1111 T4CON 011E TON —TSIDL — — — — — — TGATE TCKPS1 TCKPS0 T45 —TCS — 0000 0000 0000 0000 T5CON 0120 TON —TSIDL — — — — — — TGATE TCKPS1 TCKPS0 — —TCS — 0000 0000 0000 0000 Legend: u = uninitialized bit Note: Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |