| データシートサーチシステム |
|
DSPIC30F2010 データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 データシート(HTML) 11 Page - Microchip Technology |
|
11 / 236 page ![]() © 2007 Microchip Technology Inc. DS70150C-page 9 dsPIC30F6010A/6015 FIGURE 1-2: dsPIC30F6015 BLOCK DIAGRAM AN8/RB8 AN9/RB9 AN10/RB10 AN11/RB11 Power-up Timer Oscillator Start-up Timer POR/BOR Reset Watchdog Timer Instruction Decode & Control OSC1/CLKI MCLR VDD, VSS AN4/QEA/IC7/CN6/RB4 AN12/RB12 AN13/RB13 AN14/RB14 AN15/OCFB/CN12/RB15 Low-Voltage Detect UART1, SPI1, Motor Control PWM Timing Generation CAN1 AN5/QEB/IC8/CN7/RB5 16 PCH PCL Program Counter ALU<16> 16 Address Latch Program Memory (144 Kbytes) Data Latch 24 24 24 24 X Data Bus IR I2C™ QEI PGC/EMUC/AN6/OCFA/RB6 PGD/EMUD/AN7/RB7 PCU PWM1L/RE0 PWM1H/RE1 PWM2L/RE2 PWM2H/RE3 PWM3L/RE4 10-bit ADC Timers PWM3H/RE5 PWM4L/RE6 PWM4H/RE7 SCK2/CN8/RG6 SDI2/CN9/RG7 SDO2/CN10/RG8 SS2/CN11/RG9 U2TX/CN18/RF5 EMUC3/SCK1/INT0/RF6 Input Capture Module Output Compare Module EMUC1/SOSCO/T1CK/CN0/RC14 EMUD1/SOSCI/T4CK/CN1/RC13 PORTB C1RX/RF0 C1TX/RF1 U1RX/SDI1/RF2 EMUD3/U1TX/SDO1/RF3 SCL/RG2 SDA/RG3 PORTG PORTF PORTD 16 16 16 16 x 16 W Reg Array Divide Unit Engine DSP Decode ROM Latch 16 Y Data Bus Effective Address X RAGU X WAGU Y AGU AN0/VREF+/CN2/RB0 AN1/VREF-/CN3/RB1 AN2/SS1/CN4/RB2 AN3/INDX/CN5/RB3 OSC2/CLKO/RC15 U2RX/CN17/RF4 AVDD, AVSS UART2 SPI2 16 16 16 16 16 PORTC PORTE 16 16 16 16 8 Interrupt Controller PSV & Table Data Access Control Block Stack Control Logic Loop Control Logic Data Latch Data Latch Y Data (4 Kbytes) RAM X Data (4 Kbytes) RAM Address Latch Address Latch Control Signals to Various Blocks EMUC2/OC1/RD0 EMUD2/OC2/RD1 OC3/RD2 OC4/RD3 OC5/IC5/CN13/RD4 OC7/CN15/RD6 OC8/UPDN/CN16/RD7 IC1/FLTA/INT1/RD8 IC2/FLTB/INT2/RD9 IC3/INT3/RD10 IC4/INT4/RD11 16 Data EEPROM (4 Kbytes) 16 OC6/IC6/CN14/RD5 |