| データシートサーチシステム |
|
MCP2120-IP データシート(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2120-IP データシート(HTML) 15 Page - Microchip Technology |
|
15 / 36 page ![]() © 2007 Microchip Technology Inc. DS21618B-page 15 MCP2120 DC Characteristics (Continued) DC CHARACTERISTICS Standard Operating Conditions (unless otherwise specified) Operating temperature –40°C ≤ TA ≤ +85°C (industrial) Operating voltage VDD range as described in DC spec Section 4.1 “DC Characteristics” Param No. Sym Characteristic Min Typ Max Units Conditions Output Low Voltage D080 VOL TXIR, RX — — 0.6 V IOL = 8.5 mA, VDD = 4.5V, –40 °C to +85°C D083 OSC2 — — 0.6 V IOL = 1.6 mA, VDD = 4.5V, –40 °C to +85°C Output High Voltage D090 VOH TXIR, RX (1) VDD - 0.7 — — V IOH = -3.0 mA, VDD = 4.5V, –40 °C to +85°C D092 OSC2 VDD - 0.7 — — V IOH = -1.3 mA, VDD = 4.5V, –40 °C to +85°C Capacitive Loading Specs on Output Pins D100 COSC2 OSC2 pin — — 15 pF when external clock is used to drive OSC1. D101 CIO All Input or Output pins — — 50 pF Note 1: Negative current is defined as coming out of the pin. |