データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6291 データシート(PDF) 8 Page - Microchip Technology

部品番号 MCP6291
部品情報  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291 データシート(HTML) 8 Page - Microchip Technology

Back Button MCP6291 Datasheet HTML 4Page - Microchip Technology MCP6291 Datasheet HTML 5Page - Microchip Technology MCP6291 Datasheet HTML 6Page - Microchip Technology MCP6291 Datasheet HTML 7Page - Microchip Technology MCP6291 Datasheet HTML 8Page - Microchip Technology MCP6291 Datasheet HTML 9Page - Microchip Technology MCP6291 Datasheet HTML 10Page - Microchip Technology MCP6291 Datasheet HTML 11Page - Microchip Technology MCP6291 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MCP6291/1R/2/3/4/5
DS21812E-page 8
© 2007 Microchip Technology Inc.
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-19:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-20:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-21:
Quiescent Current vs.
Chip Select (CS) Voltage at VDD = 2.4V
(MCP6293 and MCP6295 only).
FIGURE 2-22:
Input Noise Voltage Density
vs. Common Mode Input Voltage at 10 kHz.
FIGURE 2-23:
Channel-to-Channel
Separation vs. Frequency (MCP6292, MCP6294
and MCP6295 only).
FIGURE 2-24:
Quiescent Current vs.
Chip Select (CS) Voltage at VDD = 5.5V
(MCP6293 and MCP6295 only).
1
10
100
1,000
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
0.1
100
10
1k
100k
10k
1M
1
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
Chip Select Voltage (V)
Hysteresis
Op-Amp shuts off here
Op-Amp turns on here
VDD = 2.4V
CS swept
high to low
CS swept
low to high
0
1
2
3
4
5
6
7
8
9
10
11
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Common Mode Input Voltage (V)
f = 10 kHz
VDD = 5.0V
100
110
120
130
140
110
100
Frequency (kHz)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.00.5
1.01.5
2.02.5
3.03.5
4.0
4.5
5.05.5
Chip Select Voltage (V)
Hysteresis
VDD = 5.5V
CS swept
low to high
CS swept
high to low
Op Amp shuts off
Op Amp turns on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com