データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP4601 データシート(PDF) 7 Page - Monolithic Power Systems

部品番号 MP4601
部品情報  White LED Driver For Large Size TV Backlighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601 データシート(HTML) 7 Page - Monolithic Power Systems

Back Button MP4601 Datasheet HTML 3Page - Monolithic Power Systems MP4601 Datasheet HTML 4Page - Monolithic Power Systems MP4601 Datasheet HTML 5Page - Monolithic Power Systems MP4601 Datasheet HTML 6Page - Monolithic Power Systems MP4601 Datasheet HTML 7Page - Monolithic Power Systems MP4601 Datasheet HTML 8Page - Monolithic Power Systems MP4601 Datasheet HTML 9Page - Monolithic Power Systems MP4601 Datasheet HTML 10Page - Monolithic Power Systems MP4601 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP4601 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4601 Rev. 1.0
www.MonolithicPower.com
7
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
SOIC16
Pin #
TSSOP
16-EP
Name
Description
13
13
DGD
LED Dimming Switch Gate Drive Output Pin.
14
14
VSS
Negative Voltage Output Pin. This pin is the voltage reference for OVP, FB,
COMP, SC, DGD and FST pins. This node should be placed away from
switching noise sources.
15
15
SW
Switch Output. SW is the source of the internal MOSFET switch. Connect to the
power inductor and cathode of the Schottky rectifier.
16
16
BST
Bootstrap. A capacitor is connected between SW and BST pins to form a floating
supply across the power switch driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16