| データシートサーチシステム |
|
MP4601 データシート(PDF) 15 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP4601 データシート(HTML) 15 Page - Monolithic Power Systems |
|
15 / 16 page ![]() MP4601 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING MP4601 Rev. 1.0 www.MonolithicPower.com 15 1/28/2011 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2011 MPS. All Rights Reserved. PACKAGE INFORMATION TSSOP16-EP NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. 3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. 4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.10 MILLIMETERS MAX. 5) DRAWING CONFORMS TO JEDEC MO-153, VARIATION ABT. 6) DRAWING IS NOT TO SCALE. 0.19 0.30 4.90 5.10 SEATING PLANE 0.65 BSC PIN 1 ID 4.30 4.50 6.20 6.60 18 9 16 0.80 1.05 1.20 MAX 0.00 0.15 TOP VIEW FRONT VIEW SIDE VIEW 0.09 0.20 RECOMMENDED LAND PATTERN 5.80 TYP 1.60 TYP 0.40 TYP 0.65 BSC 2.80 TYP 3.30 TYP DETAIL A 0.45 0.75 0o-8o 0.25 BSC GAUGE PLANE SEE DETAIL "A" |