データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DV243003 データシート(PDF) 11 Page - Microchip Technology

部品番号 DV243003
部品情報  MPLAB짰 Starter Kit for Serial Memory Products User?셲 Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV243003 データシート(HTML) 11 Page - Microchip Technology

Back Button DV243003 Datasheet HTML 7Page - Microchip Technology DV243003 Datasheet HTML 8Page - Microchip Technology DV243003 Datasheet HTML 9Page - Microchip Technology DV243003 Datasheet HTML 10Page - Microchip Technology DV243003 Datasheet HTML 11Page - Microchip Technology DV243003 Datasheet HTML 12Page - Microchip Technology DV243003 Datasheet HTML 13Page - Microchip Technology DV243003 Datasheet HTML 14Page - Microchip Technology DV243003 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2008 Microchip Technology Inc.
DS22087B-page 7
MPLAB® STARTER KIT FOR
SERIAL MEMORY PRODUCTS
USER’S GUIDE
Chapter 1. Introduction
Thank you for purchasing Microchip Technology’s MPLAB® Starter Kit for Serial
Memory Products. This kit allows the user to read, write and verify any Microchip serial
memory product including I2C™, SPI, Microwire, and UNI/O® bus protocols. It also
includes a built-in utility that tests EEPROM endurance.
This chapter introduces the Memory Starter Kit and provides an overview of its
features. Topics covered include:
•Overview
• Operational Requirements
• Board Setup
1.1
OVERVIEW
The MPLAB Starter Kit for Serial Memory Products connects directly to the USB port
on a computer. The PC USB connection supplies communications and power to the
board.
The Memory Starter Kit includes programmer circuitry that allows data to be
programmed onto the serial memory device and to verify its contents, all using MPLAB
IDE.
The MPLAB Starter Kit for Serial Memory Products was designed to be a simple to use,
yet powerful tool for people designing or troubleshooting serial memory applications.
Apart from programming and reading the contents of all Microchip serial memory
devices, it can help understand the communications between the memory device and
a microcontroller, and to troubleshoot application problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16