| データシートサーチシステム |
|
DV243003 データシート(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DV243003 データシート(HTML) 12 Page - Microchip Technology |
|
12 / 16 page ![]() MPLAB® Starter Kit for Serial Memory Products User’s Guide DS22087B-page 8 © 2008 Microchip Technology Inc. 1.2 OPERATIONAL REQUIREMENTS To communicate with and program the MPLAB Starter Kit for Serial Memory Products, the following hardware and software requirements must be met: • PC compatible system • An available USB port on PC or powered USB hub • CD-ROM drive • Windows® 2000 SP4, Windows XP SP2, and Windows Vista™ (32-Bit)* Operating Systems * Only initial testing has been performed on 32-bit Vista for this release. 64-bit Vista is not supported at this time. 1.3 BOARD SETUP Figure 1-1 is a drawing of a set up MPLAB Starter Kit for Serial Memory Products. The USB connection provides communication and power to the board. FIGURE 1-1: MPLAB STARTER KIT FOR SERIAL MEMORY PRODUCTS SETUP MPLAB® IDE Memory Starter Kit USB |