データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX2000 データシート(PDF) 248 Page - Microsemi Corporation

部品番号 AX2000
部品情報  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 データシート(HTML) 248 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 244Page - Microsemi Corporation AX2000 Datasheet HTML 245Page - Microsemi Corporation AX2000 Datasheet HTML 246Page - Microsemi Corporation AX2000 Datasheet HTML 247Page - Microsemi Corporation AX2000 Datasheet HTML 248Page - Microsemi Corporation AX2000 Datasheet HTML 249Page - Microsemi Corporation AX2000 Datasheet HTML 250Page - Microsemi Corporation AX2000 Datasheet HTML 251Page - Microsemi Corporation AX2000 Datasheet HTML 252Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 262 page
background image
Package Pin Assignments
3- 12 2
R ev isio n 1 8
CG624
AX2000 Function
Pin
Number
Bank 0
IO00NB0F0
D7*
IO00PB0F0
E7*
IO01NB0F0
G7
IO01PB0F0
G6
IO02NB0F0
B5
IO02PB0F0
B4
IO04PB0F0
C7
IO05NB0F0
F8
IO05PB0F0
F7
IO06NB0F0
H8
IO06PB0F0
H7
IO11NB0F0
J8
IO11PB0F0
J7
IO12PB0F1
B6
IO13NB0F1
E9*
IO13PB0F1
D8*
IO15NB0F1
C9
IO15PB0F1
C8
IO16NB0F1
A5
IO16PB0F1
A4
IO17NB0F1
D10
IO17PB0F1
D9
IO18NB0F1
A7
IO18PB0F1
A6
IO19NB0F1
G9
IO19PB0F1
G8
IO20PB0F1
B7
IO23NB0F2
F10
IO23PB0F2
F9
IO26NB0F2
C11*
IO26PB0F2
B8*
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.
IO27NB0F2
H10
IO27PB0F2
H9
IO28NB0F2
A9
IO28PB0F2
B9
IO30NB0F2
B11
IO30PB0F2
B10
IO31NB0F2
E11
IO31PB0F2
F11
IO33NB0F2
D12
IO33PB0F2
D11
IO34NB0F3
A11
IO34PB0F3
A10
IO37NB0F3
J13
IO37PB0F3
K13
IO38NB0F3
H11
IO38PB0F3
G11
IO40PB0F3
B12
IO41NB0F3/HCLKAN
G13
IO41PB0F3/HCLKAP
G12
IO42NB0F3/HCLKBN
C13
IO42PB0F3/HCLKBP
C12
Bank 1
IO43NB1F4/HCLKCN
G15
IO43PB1F4/HCLKCP
G14
IO44NB1F4/HCLKDN
B14
IO44PB1F4/HCLKDP
B13
IO45NB1F4
H13
IO47NB1F4
D14
IO47PB1F4
C14
IO48NB1F4
A16
IO48PB1F4
A15
IO49PB1F4
H15
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.
IO51NB1F4
E15
IO51PB1F4
F15
IO52NB1F4
A17
IO55NB1F5
G16
IO55PB1F5
H16
IO56NB1F5
A20
IO56PB1F5
A19
IO57NB1F5
D16
IO57PB1F5
D15
IO58NB1F5
A22
IO58PB1F5
A21
IO59NB1F5
F16
IO61NB1F5
G17
IO61PB1F5
H17
IO62NB1F5
B17
IO62PB1F5
B16
IO63NB1F5
H18
IO65NB1F6
C17
IO66PB1F6
B18
IO67NB1F6
J18
IO67PB1F6
J19
IO68NB1F6
B20
IO68PB1F6
B19
IO69NB1F6
E17
IO69PB1F6
F17
IO70NB1F6
B22
IO70PB1F6
B21
IO71PB1F6
G18
IO73NB1F6
G19
IO74NB1F6
C19
IO74PB1F6
C18
IO75NB1F6
D18
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More