データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX2000 データシート(PDF) 249 Page - Microsemi Corporation

部品番号 AX2000
部品情報  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 データシート(HTML) 249 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 245Page - Microsemi Corporation AX2000 Datasheet HTML 246Page - Microsemi Corporation AX2000 Datasheet HTML 247Page - Microsemi Corporation AX2000 Datasheet HTML 248Page - Microsemi Corporation AX2000 Datasheet HTML 249Page - Microsemi Corporation AX2000 Datasheet HTML 250Page - Microsemi Corporation AX2000 Datasheet HTML 251Page - Microsemi Corporation AX2000 Datasheet HTML 252Page - Microsemi Corporation AX2000 Datasheet HTML 253Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 123
IO75PB1F6
D17
IO76NB1F7
C21
IO76PB1F7
C20
IO79NB1F7
H20
IO79PB1F7
H19
IO80NB1F7
E18
IO80PB1F7
F18
IO81NB1F7
G21
IO81PB1F7
G20
IO82NB1F7
F20
IO82PB1F7
F19
IO85NB1F7
D20*
IO85PB1F7
D19*
Bank 2
IO86NB2F8
F23
IO86PB2F8
E23
IO87NB2F8
H23
IO87PB2F8
G23
IO88NB2F8
E24
IO88PB2F8
D24
IO89NB2F8
M17*
IO89PB2F8
G22*
IO91NB2F8
J22
IO91PB2F8
H22
IO92NB2F8
L18
IO92PB2F8
K18
IO96NB2F9
G24
IO96PB2F9
F24
IO97NB2F9
J21
IO97PB2F9
J20
IO98PB2F9
J23
IO99NB2F9
L19
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.
IO99PB2F9
K19
IO100NB2F9
E25
IO100PB2F9
D25
IO103PB2F9
K20
IO105NB2F9
M19
IO105PB2F9
M18
IO106NB2F9
J24
IO106PB2F9
H24
IO107NB2F10
L23*
IO107PB2F10
N16*
IO109NB2F10
L22
IO109PB2F10
K22
IO110NB2F10
G25
IO110PB2F10
F25
IO111NB2F10
L21
IO111PB2F10
L20
IO112NB2F10
L24
IO112PB2F10
K24
IO113NB2F10
N17
IO115NB2F10
M20
IO115PB2F10
M21
IO117NB2F10
N19
IO117PB2F10
N18
IO118NB2F11
J25
IO121NB2F11
N24
IO121PB2F11
M24
IO122NB2F11
L25
IO122PB2F11
K25
IO123NB2F11
N22
IO123PB2F11
M22
IO124NB2F11
N23
IO124PB2F11
M23
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.
IO127NB2F11
P18
IO127PB2F11
P17
IO128NB2F11
N25
IO128PB2F11
M25
Bank 3
IO129NB3F12
N20
IO130PB3F12
P24
IO131NB3F12
P21
IO133NB3F12
P20
IO133PB3F12
P19
IO138NB3F12
R23
IO138PB3F12
P23
IO139NB3F13
R22
IO139PB3F13
P22
IO141NB3F13
R19
IO142NB3F13
R25
IO142PB3F13
P25
IO143PB3F13
R21
IO145NB3F13
T18
IO145PB3F13
R18
IO146NB3F13
T24
IO146PB3F13
R24
IO147NB3F13
T20
IO147PB3F13
R20
IO148NB3F13
U25
IO148PB3F13
T25
IO149NB3F13
T22
IO153NB3F14
U19
IO153PB3F14
T19
IO154NB3F14
Y25
IO154PB3F14
W25
IO157NB3F14
V20
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More